Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 68Page - NXP Semiconductors BF862 Datasheet HTML 69Page - NXP Semiconductors BF862 Datasheet HTML 70Page - NXP Semiconductors BF862 Datasheet HTML 71Page - NXP Semiconductors BF862 Datasheet HTML 72Page - NXP Semiconductors BF862 Datasheet HTML 73Page - NXP Semiconductors BF862 Datasheet HTML 74Page - NXP Semiconductors BF862 Datasheet HTML 75Page - NXP Semiconductors BF862 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
73
NXP Semiconductors RF Manual 16th edition
Features
QUBiC4+
QUBiC4X
QUBiC4Xi
Release for production
2004
2006
2008
CMOS/bipolar
CMOS 0.25 um, bipolar 0.4 um,
double poly, deep trench, Si
CMOS 0.25 um, bipolar LV 0.4 um,
double poly, deep trench, SiGe:C
CMOS 0.25 um, bipolar LV 0.3 um,
double poly, deep trench, SiGe:C
LV NPN f
T/Fmax (GHz)
35/80 (Si)
110/140 (SiGe:C)
180/200 (SiGe:C)
HV NPN f
T/Fmax (GHz)
28/70 (Si)
60/120 (SiGe:C)
90/200 (SiGe:C)
NPN BVce0: HV/LV **
5.9 / 3.8 V
3.2 / 2.0 V
2.5 / 1.4 V
V-PNP f
T / BVcb0 (GHz / V)
5 / >9
Planned
Planned
CMOS voltage /
dual gate
2.5 / 3.3 V
2.5 V
2.5 V
Noise figure NPN (dB)
2 GHz: 1.1
10 GHz: 1.0
10 GHz: 0.6
RFCMOS f
T (GHz)
NMOS 58, PMOS 19
NMOS 58, PMOS 19
NMOS 58, PMOS 19
Isolation (60 dB @ 10 GHz)
STI and DTI
STI and DTI
STI and DTI
Interconnection
(AlCu with CMP W Plugs)
5 LM, 3 µm top metal
5 LM, 3 µm top metal
2 µm M4
5 LM, 3 µm top metal
Capacitors
NW, DN, Poly-Poly
5fF/um2 MIM
NW, DN, Poly-Poly
5fF/um2 MIM
NW, DN, Poly-Poly
5fF/um2 MIM
Resistors  (Ω/sq)
Poly (64/137/220/2K) Active (12, 57),
high-precision SiCr (270)
Poly (64/220/330/2K), Active (12, 57),
high-precision SiCr (tbd)
Poly (64/220/330/2K), Active (12, 57),
high-precision SiCr (tbd)
Varicaps (single-ended  &
differential)
1x single-ended, Q > 40
3x differential, Q 30-180
1x single-ended, Q > 40
3x differential, Q 30-180
1x single-ended, Q > 40
3x differential, Q 30-180
Inductors  (1.5nH @ 2 GHz)
- scalable
Q > 21, thick metal, deep trench isolation,
high R substrate
Q > 21, thick metal, deep trench isolation,
high R substrate
Q > 21, thick metal, deep trench isolation,
high R substrate
Other devices
LPNP, isolated NMOS, VPNP, transformers
Isolated-NMOS, transformers
Isolated-NMOS, transformers
Mask count
32 (MIM) / 34 / 33 (HVNPN) / 35 (VPNP)
36 (MIM)
36 (MIM)
QUBiC4+
BiCMOS
f /f max = 35/80 GHz
+DG
+TFR
+VPNP
+HVNPN
-4ML
SiGe:C
f / fmax = 110/140 GHz
QUBiC4X
SiGe:C
f
T
T
/ fmax = 180/200 GHz
QUBiC4Xi
QUBiC4+
` Baseline, 0.25 µm CMOS, single poly, 5 metal
` Digital gate density 26k gates/mm2
` f
T/fMAX= 35/80 GHz
` +TFR – Thin Film Resistor
` +DG – Dual Gate Oxide MOS
` +HVNPN – High Voltage NPN
` +VPNP – Vertical PNP (high V
early)
` -4ML – high-density 5fF/µm2 MIM capacitor
` Wide range of active and high-quality passive devices
` Optimized for up to 5 GHz applications
QUBiC4X
` SiGe:C process
` f
T/fMAX= 110/140 GHz
` Optimized for applications up to 30 GHz
QUBiC4Xi
` SiGe:C process
` Improves f
T/fmax up to 180/200 GHz
` Optimized for ultra-low noise microwave above 30 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com