Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 26Page - NXP Semiconductors BF862 Datasheet HTML 27Page - NXP Semiconductors BF862 Datasheet HTML 28Page - NXP Semiconductors BF862 Datasheet HTML 29Page - NXP Semiconductors BF862 Datasheet HTML 30Page - NXP Semiconductors BF862 Datasheet HTML 31Page - NXP Semiconductors BF862 Datasheet HTML 32Page - NXP Semiconductors BF862 Datasheet HTML 33Page - NXP Semiconductors BF862 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
31
NXP Semiconductors RF Manual 16th edition
1.5 Automotive
1.5.1 SDARS & HD radio
Application diagram
Recommended products
Function
Product
Package
Type
1st stage
LNA
MMIC
Low-noise wideband
amplifier
SOT343F
BFU730F
Function
Product
Package
Type
2nd stage
LNA
MMIC
General-purpose
wideband amplifier
SOT343F
BFU690F
SOT363
BGA2869
BGA2851
BGA2803
Function
Product
Package
Type
3rd stage
LNA
RF transistor
SiGe:C transistor
SOT343F
BFU690F
BFU725F/N1
BFU790F
Product highlight:
BFU730F NPN wideband silicon germanium RF transistor
The BGU730F is part of the family of 6th (Si) and 7th (SiGe:C)
generation RF transistors and can be used to perform nearly any RF
function. These next-generation wideband transistors offer the best
RF noise figure versus gain performance, drawing the lowest current.
This performance allows for better signal reception at low power and
enables RF receivers to operate more robustly in noisy environments.
Features
At 2.3 GHz
` High maximum power gain (Gp) of 17.6 dB
` Noise figure (NF) of 0.8 dB
` Input 1dB gain compression (Pi(1dB) ) of -15 dBm
` Input third order intercept point IP3
I of +4.7 dBm
001aan958
1st
stage
LNA
antenna
2nd
stage
LNA
3rd
stage
LNA
filter
CHIPSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com