Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9645 Datasheet HTML 28Page - Analog Devices AD9645 Datasheet HTML 29Page - Analog Devices AD9645 Datasheet HTML 30Page - Analog Devices AD9645 Datasheet HTML 31Page - Analog Devices AD9645 Datasheet HTML 32Page - Analog Devices AD9645 Datasheet HTML 33Page - Analog Devices AD9645 Datasheet HTML 34Page - Analog Devices AD9645 Datasheet HTML 35Page - Analog Devices AD9645 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
AD9645
Rev. 0 | Page 35 of 36
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9645 as a system,
it is recommended that the designer become familiar with these
guidelines, which describe the special circuit connections and
layout requirements that are needed for certain pins.
POWER AND GROUND GUIDELINES
When connecting power to the AD9645, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). For both AVDD and DRVDD, several different
decoupling capacitors should be used to cover both high and
low frequencies. Place these capacitors close to the point of
entry at the PCB level and close to the pins of the part, with
minimal trace length.
If two supplies are used, AVDD must not power up before DRVDD.
DRVDD must power up before, or simultaneously with, AVDD.
If this sequence is violated, a soft reset via SPI Register 0x00
(Bits[7:0] = 0x3C), followed by a digital reset via SPI Register 0x08
(Bits[7:0] = 0x03, then Bits[7:0] = 0x00), restores the part to
proper operation.
In non-SPI mode, the supply sequence is mandatory; in this
case, violating the supply sequence is nonrecoverable.
A single PCB ground plane should be sufficient when using the
AD9645. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed pad on the underside of the ADC
be connected to analog ground (AGND) to achieve the best
electrical and thermal performance of the AD9645. An exposed
continuous copper plane on the PCB should mate to the AD9645
exposed pad, Pin 0. The copper plane should have several vias
to achieve the lowest possible resistive thermal path for heat
dissipation to flow through the bottom of the PCB. These vias
should be solder-filled or plugged.
To maximize the coverage and adhesion between the ADC and
PCB, partition the continuous copper plane by overlaying a
silkscreen on the PCB into several uniform sections. This provides
several tie points between the ADC and PCB during the reflow
process, whereas using one continuous plane with no partitions
only guarantees one tie point. See Figure 69 for a PCB layout
example. For detailed information on packaging and the PCB
layout of chip scale packages, see the AN-772 Application Note,
A Design and Manufacturing Guide for the Lead Frame Chip
Scale Package (LFCSP), at www.analog.com.
SILKSCREEN PARTITION
PIN 1 INDICATOR
Figure 69. Typical PCB Layout
VCM
The VCM pin should be decoupled to ground with a 0.1 μF
capacitor.
REFERENCE DECOUPLING
The VREF pin should be externally decoupled to ground with
a low ESR, 1.0 μF capacitor in parallel with a low ESR, 0.1 μF
ceramic capacitor.
SPI PORT
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9645 to prevent these signals from transitioning at the
converter inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com