Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9645 Datasheet HTML 26Page - Analog Devices AD9645 Datasheet HTML 27Page - Analog Devices AD9645 Datasheet HTML 28Page - Analog Devices AD9645 Datasheet HTML 29Page - Analog Devices AD9645 Datasheet HTML 30Page - Analog Devices AD9645 Datasheet HTML 31Page - Analog Devices AD9645 Datasheet HTML 32Page - Analog Devices AD9645 Datasheet HTML 33Page - Analog Devices AD9645 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 30 of 36
MEMORY MAP REGISTER TABLE
The AD9645 uses a 3-wire interface and 16-bit addressing and,
therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0, and Bit 3
and Bit 4 are set to 1.
When Bit 5 in Register 0x00 is set high, the SPI enters a soft
reset, where all of the user registers revert to their default values
and Bit 2 is automatically cleared.
Table 16.
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 = SDO
active
LSB first
Soft reset
1 = 16-bit
address
1 = 16-bit
address
Soft reset
LSB first
0 = SDO
active
0x18
Nibbles are
mirrored to
allow a given
register value
to perform
the same
function for
either MSB-
first or LSB-
first mode.
0x01
Chip ID (global)
8-bit chip ID, Bits[7:0]
AD9645 0x8B = dual, 14-bit, 80 MSPS/125 MSPS, serial LVDS
0x8B
Unique chip
ID used to
differentiate
devices;
read only.
0x02
Chip grade
(global)
Open
Speed grade ID, Bits[6:4]
100 = 80 MSPS
110 = 125 MSPS
Open
Open
Open
Open
Unique speed
grade ID used
to differentiate
graded
devices;
read only.
Device Index and Transfer Registers
0x05
Device index
Open
Open
Clock
Channel
DCO
Clock
Channel
FCO
Open
Open
Data
Channel B
Data
Channel A
0x33
Bits are set to
determine
which device
on chip
receives the
next write
command.
Default is all
devices on
chip.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Set
resolution/
sample rate
override.
Global ADC Function Registers
0x08
Power modes
(global)
Open
Open
Open
Open
Open
Open
Power mode
00 = chip run
01 = full power-down
10 = standby
11 = reset
0x00
Determines
various
generic
modes of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer
0 = off
1 = on
0x00
Turns
duty cycle
stabilizer on
or off.
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio[2:0]
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode
0 = off
1 = on
Open
Open
0x00
Enables/
disables
chop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com