Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 4 Page - Analog Devices

  AD9645 Datasheet HTML 1Page - Analog Devices AD9645 Datasheet HTML 2Page - Analog Devices AD9645 Datasheet HTML 3Page - Analog Devices AD9645 Datasheet HTML 4Page - Analog Devices AD9645 Datasheet HTML 5Page - Analog Devices AD9645 Datasheet HTML 6Page - Analog Devices AD9645 Datasheet HTML 7Page - Analog Devices AD9645 Datasheet HTML 8Page - Analog Devices AD9645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 4 of 36
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9645-80
AD9645-125
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
75.6
75.2
dBFS
fIN = 30.5 MHz
25°C
75.4
75.0
dBFS
fIN = 70 MHz
Full
73.1
74.5
72.8
74.3
dBFS
fIN = 139.5 MHz
25°C
72.1
72.5
dBFS
fIN = 200.5 MHz
25°C
70.0
70.3
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
75.6
75.1
dBFS
fIN = 30.5 MHz
25°C
75.2
75.0
dBFS
fIN = 70 MHz
Full
72.7
74.4
72.4
74.2
dBFS
fIN = 139.5 MHz
25°C
71.7
72.4
dBFS
fIN = 200.5 MHz
25°C
69.7
70.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.3
12.2
Bits
fIN = 30.5 MHz
25°C
12.2
12.2
Bits
fIN = 70 MHz
Full
11.8
12.1
11.7
12.0
Bits
fIN = 139.5 MHz
25°C
11.6
11.7
Bits
fIN = 200.5 MHz
25°C
11.3
11.3
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
96
93
dBc
fIN = 30.5 MHz
25°C
91
97
dBc
fIN = 70 MHz
Full
82
96
82
91
dBc
fIN = 139.5 MHz
25°C
82
91
dBc
fIN = 200.5 MHz
25°C
82
81
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−96
−93
dBc
fIN = 30.5 MHz
25°C
−91
−97
dBc
fIN = 70 MHz
Full
−96
−83
−91
−82
dBc
fIN = 139.5 MHz
25°C
−82
−93
dBc
fIN = 200.5 MHz
25°C
−82
−81
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 9.7 MHz
25°C
−99
−96
dBc
fIN = 30.5 MHz
25°C
−97
−99
dBc
fIN = 70 MHz
Full
−99
−82
−96
−84
dBc
fIN = 139.5 MHz
25°C
−93
−91
dBc
fIN = 200.5 MHz
25°C
−91
−87
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1 AND
AIN2 = −7.0 dBFS
fIN1 = 70.5 MHz, fIN2 = 72.5 MHz
25°C
−93
−93
dBc
CROSSTALK2
25°C
−97
−97
dB
CROSSTALK (OVERRANGE CONDITION)3
25°C
−97
−97
dB
POWER SUPPLY REJECTION RATIO (PSRR)4
AVDD
25°C
42
42
dB
DRVDD
25°C
67
67
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Crosstalk is measured at 70 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3 Overrange condition is specified with 3 dB of the full-scale input range.
4 PSRR is measured by injecting a sinusoidal signal at 10 MHz to the power supply pin and measuring the output spur on the FFT. PSRR is calculated as the ratio of the
amplitude of the spur voltage over the amplitude of the pin voltage, expressed in decibels (dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com