Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9645 Datasheet HTML 12Page - Analog Devices AD9645 Datasheet HTML 13Page - Analog Devices AD9645 Datasheet HTML 14Page - Analog Devices AD9645 Datasheet HTML 15Page - Analog Devices AD9645 Datasheet HTML 16Page - Analog Devices AD9645 Datasheet HTML 17Page - Analog Devices AD9645 Datasheet HTML 18Page - Analog Devices AD9645 Datasheet HTML 19Page - Analog Devices AD9645 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 16 of 36
120
–20
–90
0
INPUT AMPLITUDE (dBFS)
SFDRFS
SFDR
SNRFS
SNR
0
20
40
60
80
100
–80
–70
–60
–50
–40
–30
–20
–10
Figure 32. SNR/SFDR vs. Analog Input Level; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 89.6dBc
IMD2 = –96.4dBc
IMD3 = –90.8dBc
Figure 33. Two-Tone 16k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz,
fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–10
–30
–50
–70
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 34. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.5 MHz and fIN2 = 72.5 MHz, fSAMPLE = 125 MSPS
110
0
0
260
INPUT FREQUENCY (MHz)
70
10
20
30
40
50
60
80
90
100
100 120 140
80
20
40
60
240
160 180 200 220
SFDR
SNR
Figure 35. SNR/SFDR vs. fIN; fSAMPLE = 125 MSPS
120
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
100
110
SNR
SFDR
Figure 36. SNR/SFDR vs. Temperature; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
1.5
–1.5
OUTPUT CODE
–1.0
–0.5
0
0.5
1.0
Figure 37. INL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com