Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9645 Datasheet HTML 8Page - Analog Devices AD9645 Datasheet HTML 9Page - Analog Devices AD9645 Datasheet HTML 10Page - Analog Devices AD9645 Datasheet HTML 11Page - Analog Devices AD9645 Datasheet HTML 12Page - Analog Devices AD9645 Datasheet HTML 13Page - Analog Devices AD9645 Datasheet HTML 14Page - Analog Devices AD9645 Datasheet HTML 15Page - Analog Devices AD9645 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AD9645-80
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
9.7MHz AT –1dBFS
SNR = 74.6dB (75.6dBFS)
SFDR = 95.2dBc
Figure 9. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 80 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
30.5MHz AT –1dBFS
SNR = 74.3dB (75.3dBFS)
SFDR = 90.9dBc
Figure 10. Single-Tone 16k FFT with fIN = 30.5 MHz, fSAMPLE = 80 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
70.2MHz AT –1dBFS
SNR = 73.4dB (74.4dBFS)
SFDR = 95.3dBc
Figure 11. Single-Tone 16k FFT with fIN = 70.2 MHz, fSAMPLE = 80 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
139.5MHz AT –1dBFS
SNR = 71dB (72dBFS)
SFDR = 80.8dBc
Figure 12. Single-Tone 16k FFT with fIN = 139.5 MHz, fSAMPLE = 80 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
10
20
30
40
FREQUENCY (MHz)
80MSPS
200.5MHz AT –1dBFS
SNR = 68.9dB (69.9dBFS)
SFDR = 81.7dBc
Figure 13. Single-Tone 16k FFT with fIN = 200.5 MHz, fSAMPLE = 80 MSPS
0
–15
–30
–45
–60
–75
–105
–90
–120
–135
0
8
4
12
16
28
20
24
32
40
36
FREQUENCY (MHz)
80MSPS
200.5MHz AT –1dBFS
SNR = 70.8dB (71.8dBFS)
SFDR = 81.5dBc
Figure 14. Single-Tone 16k FFT with fIN = 200.5 MHz, fSAMPLE = 80 MSPS,
Clock Divide = Divide-by-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com