Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9645 Datasheet HTML 16Page - Analog Devices AD9645 Datasheet HTML 17Page - Analog Devices AD9645 Datasheet HTML 18Page - Analog Devices AD9645 Datasheet HTML 19Page - Analog Devices AD9645 Datasheet HTML 20Page - Analog Devices AD9645 Datasheet HTML 21Page - Analog Devices AD9645 Datasheet HTML 22Page - Analog Devices AD9645 Datasheet HTML 23Page - Analog Devices AD9645 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 20 of 36
Differential Input Configurations
There are several ways to drive the AD9645 either actively or
passively. However, optimum performance is achieved by driving
the analog inputs differentially. Using a differential double balun
configuration to drive the AD9645 provides excellent performance
and a flexible interface to the ADC for baseband applications
(see Figure 55).
For applications where SNR is a key parameter, differential trans-
former coupling is the recommended input configuration (see
Figure 56) because the noise performance of most amplifiers is
not adequate to achieve the true performance of the AD9645.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is not recommended to drive the AD9645 inputs single-ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9645. The VREF pin should be externally decoupled to
ground with a low ESR, 1.0 μF capacitor in parallel with a low ESR,
0.1 μF ceramic capacitor.
If the internal reference of the AD9645 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 53 shows how
the internal reference voltage is affected by loading. Figure 54
shows the typical drift characteristics of the internal reference
in 1.0 V mode.
The internal buffer generates the positive and negative full-scale
references for the ADC core.
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
0
3.0
2.5
2.0
1.5
1.0
0.5
LOAD CURRENT (mA)
INTERNAL VREF = 1V
Figure 53. VREF Error vs. Load Current
4
–8
–40
85
TEMPERATURE (°C)
–6
–4
–2
0
2
–15
10
35
60
Figure 54. Typical VREF Drift
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
VINx+
VINx–
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL
Figure 55. Differential Double Balun Input Configuration for Baseband Applications
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
VINx–
ADC
VINx+
*C1
C
VCM
33Ω
33Ω
200Ω
0.1µF
5pF
Figure 56. Differential Transformer-Coupled Configuration for Baseband Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com