Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9645 Datasheet HTML 25Page - Analog Devices AD9645 Datasheet HTML 26Page - Analog Devices AD9645 Datasheet HTML 27Page - Analog Devices AD9645 Datasheet HTML 28Page - Analog Devices AD9645 Datasheet HTML 29Page - Analog Devices AD9645 Datasheet HTML 30Page - Analog Devices AD9645 Datasheet HTML 31Page - Analog Devices AD9645 Datasheet HTML 32Page - Analog Devices AD9645 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD9645
Rev. 0 | Page 29 of 36
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table (see Table 16) has
eight bit locations. The memory map is roughly divided into three
sections: the chip configuration registers (Address 0x00 to Address
0x02); the device index and transfer registers (Address 0x05 and
Address 0xFF); and the global ADC function registers, including
setup, control, and test (Address 0x08 to Address 0x102).
The memory map register table lists the default hexadecimal
value for each hexadecimal address shown. The column with
the heading Bit 7 (MSB) is the start of the default hexadecimal
value given. For example, Address 0x05, the device index register,
has a hexadecimal default value of 0x33. This means that in
Address 0x05, Bits[7:6] = 00, Bits[5:4] = 11, Bits[3:2] = 00, and
Bits[1:0] = 11 (in binary). This setting is the default channel
index setting. The default value results in both ADC channels
receiving the next write command. For more information on
this function and others, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI. This application note
details the functions controlled by Register 0x00 to Register 0xFF.
The remaining registers are documented in the Memory Map
Register Descriptions section.
Open Locations
All address and bit locations that are not included in Table 16
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x05). If the entire address location
is open or not listed in Table 16 (for example, Address 0x13), this
address location should not be written.
Default Values
After the AD9645 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 16.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions, such as the signal monitor
thresholds, can be programmed differently for each channel. In
these cases, channel address locations are internally duplicated
for each channel. These registers and bits are designated in
Table 16 as local. These local registers and bits can be accessed
by setting the appropriate data channel bits (A or B) and the clock
channel DCO bit (Bit 5) and FCO bit (Bit 4) in Register 0x05.
If all the bits are set, the subsequent write affects the registers
of both channels and the DCO/FCO clock channels. In a read
cycle, only one channel (A or B) should be set to read one of the
two registers. If all the bits are set during a SPI read cycle, the
part returns the value for Channel A. Registers and bits that are
designated as global in Table 16 affect the entire part or the channel
features for which independent settings are not allowed between
channels. The settings in Register 0x05 do not affect the global
registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com