Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9645 Datasheet HTML 14Page - Analog Devices AD9645 Datasheet HTML 15Page - Analog Devices AD9645 Datasheet HTML 16Page - Analog Devices AD9645 Datasheet HTML 17Page - Analog Devices AD9645 Datasheet HTML 18Page - Analog Devices AD9645 Datasheet HTML 19Page - Analog Devices AD9645 Datasheet HTML 20Page - Analog Devices AD9645 Datasheet HTML 21Page - Analog Devices AD9645 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 18 of 36
EQUIVALENT CIRCUITS
AVDD
VINx±
Figure 43. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
Figure 44. Equivalent Clock Input Circuit
31kΩ
SDIO/PDWN
400Ω
DRVDD
Figure 45. Equivalent SDIO/PDWN Input Circuit
DRVDD
D0x–, D1x–
D0x+, D1x+
V
V
V
V
Figure 46. Equivalent Digital Output Circuit
400Ω
DRVDD
30kΩ
SCLK/DFS
Figure 47. Equivalent SCLK/DFS Input Circuit
RBIAS
AND VCM
400Ω
AVDD
Figure 48. Equivalent RBIAS and VCM Circuit
CSB
400Ω
DRVDD
15kΩ
Figure 49. Equivalent CSB Input Circuit
VREF
AVDD
7.5kΩ
400Ω
10Ω
Figure 50. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com