Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 1 Page - Analog Devices

  AD9645 Datasheet HTML 1Page - Analog Devices AD9645 Datasheet HTML 2Page - Analog Devices AD9645 Datasheet HTML 3Page - Analog Devices AD9645 Datasheet HTML 4Page - Analog Devices AD9645 Datasheet HTML 5Page - Analog Devices AD9645 Datasheet HTML 6Page - Analog Devices AD9645 Datasheet HTML 7Page - Analog Devices AD9645 Datasheet HTML 8Page - Analog Devices AD9645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
1.8 V Analog-to-Digital Converter
Data Sheet
AD9645
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V supply operation
Low power: 122 mW per channel at 125 MSPS with scalable
power options
SNR = 74 dBFS (to Nyquist)
SFDR = 91 dBc at 70 MHz
DNL = ±0.65 LSB (typical); INL = ±1.5 LSB (typical)
Serial LVDS (ANSI-644, default) and low power, reduced
range option (similar to IEEE 1596.3)
650 MHz full power analog bandwidth
2 V p-p input voltage range
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Clock divider
Programmable output clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Broadband data applications
Battery-powered instruments
Handheld scope meters
Portable medical imaging and ultrasound
Radar/LIDAR
GENERAL DESCRIPTION
The AD9645 is a dual, 14-bit, 80 MSPS/125 MSPS analog-to-
digital converter (ADC) with an on-chip sample-and-hold circuit
designed for low cost, low power, small size, and ease of use.
The product operates at a conversion rate of up to 125 MSPS
and is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
AD9645
14
VINA+
AVDD
DRVDD
14
14
VINB+
VINB–
D0A+
14
D0B+
VINA–
VCM
D1A+
D1B+
AGND
D0A–
D1A–
D0B–
D1B–
DCO+
DCO–
FCO+
FCO–
14-BIT PIPELINE
ADC
14-BIT PIPELINE
ADC
SERIAL PORT
INTERFACE
1 TO 8
CLOCK DIVIDER
SCLK/
DFS
SDIO/
PDWN
CSB
CLK+ CLK–
Figure 1.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
capturing data on the output and a frame clock output (FCO) for
signaling a new output byte are provided. Individual channel
power-down is supported; the AD9645 typically consumes less
than 2 mW in the full power-down state. The ADC provides
several features designed to maximize flexibility and minimize
system cost, such as programmable output clock and data align-
ment and digital test pattern generation. The available digital
test patterns include built-in deterministic and pseudorandom
patterns, along with custom user-defined test patterns entered via
the serial port interface (SPI).
The AD9645 is available in a RoHS-compliant, 32-lead LFCSP.
It is specified over the industrial temperature range of −40°C
to +85°C. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Two ADCs are contained in a small, space-
saving package.
2.
Low Power. The AD9645 uses 122 mW/channel at 125 MSPS
with scalable power options.
3.
Pin Compatibility with the AD9635, a 12-Bit Dual ADC.
4.
Ease of Use. A data clock output (DCO) operates at
frequencies of up to 500 MHz and supports double data
rate (DDR) operation.
5.
User Flexibility. SPI control offers a wide range of flexible
features to meet specific system requirements.


Similar Part No. - AD9645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640 Datasheet
931Kb / 41P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Dec-2006
AD9640 AD-AD9640 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9640-125EBZ AD-AD9640-125EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results

Similar Description - AD9645

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com