Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9645 Datasheet HTML 2Page - Analog Devices AD9645 Datasheet HTML 3Page - Analog Devices AD9645 Datasheet HTML 4Page - Analog Devices AD9645 Datasheet HTML 5Page - Analog Devices AD9645 Datasheet HTML 6Page - Analog Devices AD9645 Datasheet HTML 7Page - Analog Devices AD9645 Datasheet HTML 8Page - Analog Devices AD9645 Datasheet HTML 9Page - Analog Devices AD9645 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 4.
Parameter1, 2
Temp
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
10
1000
MHz
Conversion Rate
Full
10
80/125
MSPS
Clock Pulse Width High (t
EH)
Full
6.25/4.00
ns
Clock Pulse Width Low (t
EL)
Full
6.25/4.00
ns
OUTPUT PARAMETERS3
Propagation Delay (t
PD)
Full
2.3
ns
Rise Time (t
R) (20% to 80%)
Full
300
ps
Fall Time (t
F) (20% to 80%)
Full
300
ps
FCO Propagation Delay (t
FCO)
Full
1.5
2.3
3.1
ns
DCO Propagation Delay (t
CPD)
4
Full
t
FCO + (tSAMPLE/16)
ns
DCO to Data Delay (t
DATA)
4
Full
(t
SAMPLE/16) − 300
t
SAMPLE/16
(t
SAMPLE/16) + 300
ps
DCO to FCO Delay (t
FRAME)
4
Full
(t
SAMPLE/16) − 300
t
SAMPLE/16
(t
SAMPLE/16) + 300
ps
Lane Delay (t
LD)
90
ps
Data-to-Data Skew (t
DATA-MAX − tDATA-MIN)
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)5
25°C
375
μs
Pipeline Latency
Full
16
Clock
cycles
APERTURE
Aperture Delay (t
A)
25°C
1
ns
Aperture Uncertainty (Jitter, t
J)
25°C
174
fs rms
Out-of-Range Recovery Time
25°C
1
Clock
cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Measured on standard FR-4 material.
3 Can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4 t
SAMPLE/16 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/fS.
5 Wake-up time is defined as the time required to return to normal operation from power-down mode.
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SPI TIMING REQUIREMENTS
See Figure 68
t
DS
Setup time between the data and the rising edge of SCLK
2
ns min
t
DH
Hold time between the data and the rising edge of SCLK
2
ns min
t
CLK
Period of the SCLK
40
ns min
t
S
Setup time between CSB and SCLK
2
ns min
t
H
Hold time between CSB and SCLK
2
ns min
t
HIGH
SCLK pulse width high
10
ns min
t
LOW
SCLK pulse width low
10
ns min
t
EN_SDIO
Time required for the SDIO pin to switch from an input to an output relative
to the SCLK falling edge (not shown in Figure 68)
10
ns min
t
DIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative
to the SCLK rising edge (not shown in Figure 68)
10
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com