Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9645 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9645 Datasheet HTML 13Page - Analog Devices AD9645 Datasheet HTML 14Page - Analog Devices AD9645 Datasheet HTML 15Page - Analog Devices AD9645 Datasheet HTML 16Page - Analog Devices AD9645 Datasheet HTML 17Page - Analog Devices AD9645 Datasheet HTML 18Page - Analog Devices AD9645 Datasheet HTML 19Page - Analog Devices AD9645 Datasheet HTML 20Page - Analog Devices AD9645 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD9645
Rev. 0 | Page 17 of 36
0.6
–0.5
OUTPUT CODE
–0.4
–0.3
–0.2
–0.1
0
0.4
0.3
0.5
0.2
0.1
Figure 38. DNL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
900,000
500,000
600,000
700,000
800,000
400,000
300,000
200,000
0
100,000
N – 5 N – 4 N – 3 N – 2 N – 1
N + 1 N + 2 N + 3 N + 4 N + 5
N
CODE
1LSB rms
Figure 39. Input Referred Noise Histogram; fSAMPLE = 125 MSPS
90
0
1
10
FREQUENCY (MHz)
10
20
30
40
50
60
70
80
AVDD
DRVDD
Figure 40. PSRR vs. Frequency; fCLK = 125 MHz, fSAMPLE = 125 MSPS
110
0
10
20
30
40
60
50
70
90
80
100
10
50
30
70
90
130
110
SAMPLE RATE (MSPS)
SFDR
SNRFS
Figure 41. SNR/SFDR vs. Sample Rate; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
110
0
10
20
30
40
60
50
70
90
80
100
10
50
30
70
90
130
110
SAMPLE RATE (MSPS)
SNRFS
SFDR
Figure 42. SNR/SFDR vs. Sample Rate; fIN = 70 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com