Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 12Page - STMicroelectronics STPM10 Datasheet HTML 13Page - STMicroelectronics STPM10 Datasheet HTML 14Page - STMicroelectronics STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Theory of operation
STPM10
16/51
Doc ID 17728 Rev 3
The gain register is included in the device configuration register with the address name
PST. The table below shows the gain configuration according to the register values:
Note:
If the device is used in configuration PST = 1, TMP = 1 (primary channel with CT, secondary
channel with Shunt), the shunt Ks must always be equal to one fourth of the current
transformer Ks.
Both the voltage and current channels implement an active offset correction architecture
which provides the benefit of avoiding any offset compensation.The analog voltage and
current signals are processed by the
Σ Δ analog-to-digital converters, which feed the hard-
wired DSP. The DSP implements an automatic digital offset cancellation that makes it
possible to avoid any manual offset calibration on the analog inputs.
7.3
ΣΔ A/D converters
Analog-to-digital conversion in the STPM10 is carried out using two first-order
Σ Δ
converters. The device performs A/D conversions of analog signals on two independent
channels in parallel. The current channel is multiplexed as a primary or secondary current
channel in order to perform the tamper function, if enabled. The converted
Σ Δ signals are
supplied to the internal hard-wired DSP unit, which filters and integrates these signals in
order to boost the resolution and to yield all the necessary signals for the computations.
A
Σ Δ modulator converts the input signal into a continuous serial stream of 1’s and 0’s at a
rate determined by the sampling clock. In the STPM10, the sampling clock is equal to
fCLK/4.
The 1-bit DAC in the feedback loop is driven by the serial data stream. The DAC output is
subtracted from the input signal. If the loop gain is high enough, the average value of the
DAC output (and therefore the bit stream) can approach that of the input signal level. When
a large number of samples are averaged, a very precise value for the analog signal is
obtained. This averaging is carried out in the DSP section, which implements decimation,
Table 6.
Gain of voltage and current channels
Voltage channels
Current channels
Gain
Max input voltage (V)
Gain
Max input voltage (V)
4
±0.30
8X
±0.15
32X
±0.035
Table 7.
Configuration of current sensors
Primary
Secondary
Configuration
Bits
Configuration
Bits
Gain
Sensor
Gain
Sensor
PST
TMP
8
CT
Disabled
Disabled
0
0
32
Shunt
Disabled
Disabled
1
0
8
CT
8CT0
1
8
32
Shunt
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com