Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Theory of operation
STPM10
24/51
Doc ID 17728 Rev 3
7.12
Resetting the STPM10
The STPM10 has no reset pin. The device is automatically reset by the POR circuit when
the VCC crosses the 2.5 V value, but it can also be reset through the SPI interface by
providing a dedicated command (see Section 7.19 for remote reset command details).
In case of reset caused by the POR circuit, all clocks and both DC buffers in the analog part
are kept off for about 30 ms, as well as all blocks of the digital part, except for the SPI
interface, which is held in a reset state for about 125 ms after a reset condition.
When a reset is performed through SPI, no delayed turn-on is generated.
Resetting the STPM10 causes all the functional modules of the STPM10 to be cleared,
including the volatile memory.
The reset through SPI (remote reset request) normally takes place during production
testing.
7.13
Using the STPM10 in microcontroller-based meters
The STPM10 can be used in microcontroller-based energy meters.
The SPI pins (SCS, SCL, SDA, SYN) are used for communication purposes, allowing the
microcontroller to write and read the internal STPM10 registers.
The zero-crossing signal is available at the ZCR pin (see Section 7.4 for details about the
ZCR signal).
The WDG pin provides the watchdog signal (DOG). The DOG signal generates a 16 ms
long positive pulse every 1.6 seconds. Generation of these pulses can be suspended if data
are read in intervals shorter than 1.6 s. The DOG signal is actually a watchdog reset signal
which can be used to control operation of an on-board microcontroller. It is set to high
whenever the VDDA voltage is below 2.5 V, but after VDDA goes above 2.5 V this signal
starts running.
It is expected that an application microcontroller should access the data in the metering
device on a regular basis at least 1/s (recommended is 32/s). Every latching of results in the
metering device requested from the microcontroller also resets the watchdog. If latching
requests are not 1.6 seconds from one another, an active high pulse on WDG is produced,
because the device assumes that the microcontroller is not operating properly. An
application can use this signal either to control the reset pin of its microcontroller, or it can
be tied to an interrupt pin. The latter option is recommended for a battery-backup application
which can enter a sleep mode due to power-down conditions, and should not be reset by a
metering device as it would exit from sleep mode.
7.14
Energy to frequency conversion
The STPM10 provides energy to frequency conversion both for calibration and energy
readout purposes. In fact, one convenient way to verify the meter calibration is to provide a
pulse train signal with 50% duty cycle whose frequency signal is proportional to the active
energy under steady load conditions. In this case, the user chooses a certain number of
pulses on the LED pin that correspond to 1 kWh. This value is called P.
Let us consider the case in which the LED pin is configured to be driven from internal signal
AW (active energy) whose frequency is proportional to the active energy. The signal AW is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com