Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 14Page - STMicroelectronics STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Theory of operation
STPM10
18/51
Doc ID 17728 Rev 3
7.5
Period and line voltage measurement
The period module measures the period of the base frequency of the voltage channel and
checks if the voltage signal frequency is within the fCLK/2
17 to f
CLK/2
15 band. To do this, the
LIN signal is produced, which is low when the line voltage is rising, and high when the line
voltage is falling. This means that the LIN signal is the sign of dv/dt. With further elaboration,
the ZCR signal is also produced. On the trailing edge of LIN (line frequency) the period
counter starts counting up pulses of the fCLK/4 reference signal. The LIN signal is available
on the status bit register (see Table 10).
If the counted number of pulses between two trailing edges of LIN is higher than 215, or if
the counting is never stopped (no LIN trailing edge) this means that the base frequency is
lower than fCLK/2
17 Hz and a BFR (base frequency range) error flag is set.
If the number of pulses counted between two trailing edges of LIN is lower than 213, the
base frequency exceeds the limit (this means it is higher than fCLK/2
15). In this case, the
error must be repeated three consecutive times in order to set the BFR error flag.
For example, with a 4.194304 MHz oscillator frequency and MDIV bit clear (or 8.192 MHz
with MDIV set), fCLK/4 is 1.048576 MHz. If the line frequency is 30 Hz, the counted fCLK/4
pulses between two LIN trailing edges are 34952, more than 215 (32768 pulses).
The BFR low frequency limit is then:
fCLK/2
17 = 4194304/131072 = 32 Hz
Figure 16.
LIN and BFR signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com