Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Theory of operation
STPM10
20/51
Doc ID 17728 Rev 3
7.7
Load monitoring
The STPM10 includes a no-load condition detection circuit with adjustable threshold. This
circuit monitors the voltage and the current channels and, when the measured voltage is
below the set threshold, the internal signal BIL becomes high. Information about this signal
is also available in the status bit BIL.
The no-load condition occurs when the product of the VRMS and IRMS register values is
below a given value. This value can be set with the LTCH configuration bits. Four different
no-load threshold values can be chosen according to the two configuration bits LTCH (see
Table 8).
When a no-load condition occurs (BIL=1) the integration of power is suspended and the
tamper module is disabled. The BIL signal can be accessed only through the SPI interface.
7.8
Error detection
In addition to the no-load condition and the line frequency band, the integration of power can
also be suspended due to an error detected on the source signals.
There are two kinds of error-detection circuits involved. The first checks all the
Σ Δ signals
from the analog part if any is stacked at 1 or 0 within the 1/128 of fCLK period of observation.
In case of a detected error, the corresponding
Σ Δ signal is replaced with an idle Σ Δ signal,
which represents a constant value of 0. All error and other resolved flags are treated as bits
of a device status and can be read out by means of the SPI interface.
Another error condition occurs if LED pin output signals are different from the internal
signals that drive them. This can occur if some of these pins are forced to GND or to some
other imposed voltage value. In this case, the internal status bit PIN is activated, providing
the information that some hardware problem has been detected.
7.9
Tamper detection module
The STPM10 is able to measure the current in both live and neutral wire with a time domain
multiplexing approach on a unique sigma delta modulator. This mechanism is adopted to
implement anti-tamper function. If this function is selected (see Table 7), the live and neutral
wire currents are monitored; when the difference between the two measurements exceeds a
rated threshold the STPM10 enters the "tamper state", while in "normal state" the two
measurements are below the threshold.
In particular, both channels are not observed all the time, rather a time multiplex mechanism
is used. During the observation time of each channel, its active energy is calculated. A
tamper condition occurs when the absolute value of the difference between the two active
Table 8.
No-load detection thresholds
LTCH
KLTCH
0800
1
1600
2
3200
3
6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com