Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
27/51
7.16
Programming the STPM10
7.16.1
Data records
The STPM10 has 8 internal data record registers. Every data record consists of a 4-bit
parity code and 28-bit data value where the parity code is computed from the data value,
which makes a total of 32 bits, or 4 bytes.
Figure 21
shows the data record structure with the name of the contained information. Each
bit of parity nibble is defined as odd parity of all seven corresponding bits of data nibbles.
The first 6 registers are read-only, except for the 8-bit mode signals in the DFP register (the
mode signals are described later in this paragraph). The last two registers are CFL and
CFH.
7.17
Configuration bits
All the configuration bits that control the operation of the device (CFL and CFH data records)
can be written in a temporary way. The configuration bit values are written in the so-called
volatile memory, which are simple latches that hold the configuration data until the power is
on or until a reset condition occurs (both POR and remote reset).
As indicated in the data records table, the configuration bits are 56.
Figure 21.
STPM10 data records map
upper f(u)
0 1
mode signals
p
p
iRMS
uRMS
iMOM
uMOM
1bit
1bit 1bit
20 bit
20 bit
8 bit
6 bit
11 bit
16 bit
DAP
DRP
DSP
CFH
DFP
DEV
DMV
CFL
reactive energy
type0 active energy
apparent energy
type 1 energy
lower part of configurators
upper part of configurators
Status
lower f(u)
parity
parity
parity
parity
parity
parity
parity
parity
4 bit
msb
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com