Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
23/51
1.
RC: this oscillator mode can be selected using the RC configuration bit. If RC = 1, the
STPM10 runs using the RC oscillator. A resistor connected between CLKIN and
ground sets the RC current. For 4 MHz operation, the recommended settling resistor is
12 k
Ω. The oscillator frequency can be compensated using the CRC configuration bit.
2.
Quartz: If RC = 0, the oscillator works with an external crystal. The recommended
circuit is depicted in Figure 20 (b).
3.
External clock: by keeping RC=0, it is also possible to feed the CLKOUT pin with an
external oscillator signal.
The clock generator is powered from an analog supply and is responsible for two tasks. The
first is to retard the turn-on of some function blocks after POR in order to help smooth the
start of the external power supply circuitry by keeping off all major loads. The second task of
the clock generator is to provide all necessary clocks for the analog and digital parts. During
this task, the MDIV configuration bit is used to inform the device about the nominal
frequency value of CLKOUT. Two nominal frequency ranges are expected to be from 4.000
MHz to 4.194 MHz (MDIV = 0) or from 8.000 MHz to 8.192 MHz (MDIV = 1).
7.11.1
RC startup procedure
To use the device with RC oscillator the configuration bit RC (see Table 11) must be set.
Since the default configuration is for a crystal oscillator, when a RC oscillator is used instead
and the device is supplied for the very first time it is not internally clocked and consequently
the DSP is inactive. In this condition it is not possible to set RC or any other configuration bit.
The following SPI procedure can be run in order to set the RC bit and provide the clock to
the device:
●
Set the mode signal BANK;
●
Perform a software reset;
●
Read the registers: BANK mode signal should be checked and the records should
show something (not 000000F0);
●
Clear the mode signal BANK;
●
DO NOT perform a reading, and write configuration bit RC;
In this way the RC oscillator is started. If the registers are read again, it can be seen that RC
bit is set and BANK is cleared. Once the RC startup procedure is complete, the device is
clocked and active. For details on mode signals refer to Chapter 7.18, for SPI operations
refer to Chapter 7.19.
Figure 20.
Different oscillator circuits with (a) quartz, (b) internal oscillator, (c) external source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com