Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Theory of operation
STPM10
34/51
Doc ID 17728 Rev 3
t1 → t2: Latching phase. Interval value > 2/fCLK
t2 → t3: Data latched, SPI idle. Interval value > 30 ns
t3 → t4: Enable SPI for read operation. Interval value > 30 ns
t4 → t5: Serial clock counter is reset. Interval value > 30 ns
t5 → t6: SPI reset and enabled for read operation. Interval value > 30 ns
t7: Internal data transferred to SDA
t8: SDA data is stable and can be read
The system that reads the data record from the STPM10 should check the integrity of each
data record. If the check fails, the reading should be repeated, but this time only the shifting
should be applied. Otherwise, new data would be latched into transmission latches and the
one incorrectly read would be lost.
Normally, each byte is read out as the most significant bit (MSB) first. But this can be
changed by setting the MSBF configuration bit in the STPM10 CFL data record. If this is
done, each byte is read out as the least significant bit (LSB) first.
7.22
Writing procedure
Each writable bit (configuration and mode bits) has its own 6-bit absolute address. For the
configuration bits, the 6-bit address value corresponds to its decimal value, while for the
mode bits the addresses are the ones indicated in Section 7.18: Mode signals.
In order to change the state of a latch, one must send a byte of data to the STPM10, which
is the normal way to send data via SPI. This byte consists of 1-bit data to be latched (MSB),
followed by the 6-bit address of the destination latch, followed by 1-bit don't care data (LSB),
which makes a total of 8 bits of command byte.
For example, if we want to set configuration bit 47 (part of the secondary current channel
calibrator) to 0, we must convert the decimal 47 to its 6-bit binary value: 101111. The byte
command is then composed as follows:
Figure 24.
Timing for data record reading
t
1
t
2
t
3t4
t
5
t
6
t
7
t
8
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com