Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
19/51
With the same clock frequency, if the line frequency is 130 Hz, the fCLK/4 pulses between
two LIN trailing edges are 8066, less than 213 (8192). The BFR high frequency limit is then:
fCLK/2
15 = 4194304/32768 = 128 Hz.
The BFR flag is also set if the register value of the RMS voltage drops below 64. BFR is
cleared when the register value goes above 128. The BFR, then, also gives information
about the presence of the line voltage within the meter.
When the BFR error is set, the computation of power is zero unless the FRS bit is set.
In fact, the effect of the BFR bit can be overridden by setting FRS configuration bit.
It means that if FRS is set and BFR is also set, all the energy computation is carried on as
BFR was cleared. In this case then p=u*i, where u could be zero or not (if BFR was set
because voltage RMS register value is below 64).
When the line frequency re-enters the nominal band, the BFR flag is automatically reset.
This BFR error flag is also assembled as part of the 8-bit status register (see Table 10).
7.6
Power supply
The main STPM10 supply pin is the VCC pin. From the VCC pin two linear regulators
provide the necessary voltage for the analog part VDDA (3 V) and for the digital part VDDD
(1.8 V).
The VSS pin represents the reference point for all the internal signals. A 100 nF low ESR
capacitor should be connected between VCC and VSS, VDDA and VSS, VDDD and VSS.
All these capacitors must be located very close to the device.
The STPM10 contains a power on reset (POR) detection circuit. If the VCC supply is less
than 2.5 V, then the STPM10 goes into an inactive state, all the functions are blocked and a
reset condition is asserted. This is useful to ensure correct device operation at power-up
and during power-down. The power supply monitor has built-in hysteresis and filtering,
which give a high degree of immunity from false triggering due to noisy supplies.
A band-gap voltage reference (VBG) of 1.23 V ±1% is used as the reference voltage level
source for the two linear regulators and for the A/D converters. Also, this module produces
several bias currents and voltages for all other analog modules. The band-gap voltage can
be compensated regardless of the temperature variations with the BGTC bits.
Figure 17.
Band-gap temperature variation
1,20
1,21
1,22
1,23
1,24
1,25
1,26
1,27
1,28
1,29
-40
0
40
80
Temperature °C
BGTC=0
BGTC=1
BGTC=2
BGTC=3
100
1,20
1,21
1,22
1,23
1,24
1,25
1,26
1,27
1,28
1,29
-40
0
40
80
Temperature °C
BGTC=0
BGTC=1
BGTC=2
BGTC=3
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com