Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
33/51
7.21
Reading data records
A microcontroller is able to read all measurement results and all system signals
(configuration, calibration, status, mode). Again, the time step can be as short as 30 ns.
There are two phases of reading, called latching and shifting.
Latching is used to sample results into transmission latches. The transmission latches are
the flip-flops that hold the data in the SPI interface. This is done with the active pulse on
SYN when SCS is idle. The length of the pulse on SYN must be longer than 2 periods of the
measurement clock, i.e. more than 500 ns at 4 MHz.
The shifting starts when SCS become active. In the beginning of this phase, another much
shorter pulse (30 ns) on SYN should be applied in order to ensure that an internal
transmission serial clock counter is reset to zero. An alternative way is to extend the pulse
on SYN into the second phase of reading. After this reset is done, a 32 serial clocks-per-
data record should be applied. Up to 8 data records can be read this way. This procedure
can be aborted at any time through deactivation of SCS (see Figure 24).
The first read-out byte of the data record is the least significant byte (LSB) of the data value
and, of course, the fourth byte is the most significant byte (MSB) of the data value. Each
byte can be further divided into a pair of 4-bit nibbles, referred to as the most and least
significant nibble (MSN, LSN). This division makes sense with the MSB of the data value
because its MSN holds the parity code rather than useful data.
The sequence of the data record during the read operation is fixed. Normally, an application
reads the 1st through the 6th data record; the 7th and 8th data record would be read only
when it needs to fetch the configuration data. However, an application may apply a
precharge command (see Table 12) prior to the reading phase. This command forces the
device to respond with the sequence 5th - 8th, 1st - 4th. Such a change of sequence can be
used to skip the first four data records.
The timing diagram of the reading operation is shown in Figure 24. One can see the latching
and beginning of the shifting phase of the first byte (0x5F) of the first data record, and the
end of reading. Also, both alternatives for resetting the internal transmission serial clock
counter are shown in signal SYN.
Figure 23.
Data record reconstruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com