Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
31/51
– CSEL: In normal operation, if the anti-tamper module is not activated (see PST
configuration bits) the STPM10 selects channel 1 as the source of current
information. For debug or calibration purposes it is possible to select channel 2 as the
source of the current channel signal when the tamper module is disabled. This is
done by setting the CSEL mode bit.
– Precharge: This command swaps the sequence of data records read, allowing the
reading of the last four data records first, and the first four second. The reading
sequence is 5, 6, 7, 8, 1, 2, 3, 4. Unlike the other mode signals, the precharge
command is not retained inside the STPM10, but should be sent each time before the
reading of the data records.
– BANK: it is used to activate RC oscillator (see Chapter 7.11.1).
7.19
SPI interface
The SPI interface supports a simple serial protocol, which is implemented to enable
communication between some master system (microcontroller or PC) and the device.
Three tasks can be performed with this interface:
–
remote resetting of the device
–
reading data records
–
writing the mode bits and the configuration bits
Four pins of the device are dedicated to this purpose: SCS, SYN, SCL and SDA.
SCS, SYN and SCL are all input pins, while SDA can be input or output according to
whether the SPI is in write or read mode. A high-level signal for these pins means a voltage
level higher than 0.75 x VCC, while a low-level signal means a voltage value lower than 0.25
x VCC.
The internal registers are not directly accessible. Instead, 32 bits of transmission latches are
used to pre-load the data before being read or written to the internal registers.
The condition in which SCS, SYN and SCL inputs are set to high level determines the idle
state of the SPI interface, and no data transfer occurs.
–
SCS: enables SPI operation when low.
–
SYN: operates different functions according to the status of the SCS pin. When
SCS is low, the SYN pin status selects if the SPI is in read (SYN = 1) or write
mode (SYN = 0). When the SCS is high and SYN is also high, the results of the
input or output data are transferred to the transmission latches.
–
SCL: basically the clock pin of the SPI interface. This pin function is also controlled
by the SCS status. If SCS is low, SCL is the input of the serial bit synchronization
4
CSEL
0
Current channel 1 selected when tamper is disabled
0111 100x
78 or 79
1
Current channel 2 selected when tamper is disabled
1111 100x
F8 or F9
5
Reserved
6
Reserved
7
Precharge
1
Swap the 32-bit data record readings. From
1,2,3,4,5,6,7,8, to 5,6,7,8,1,2,3,4 and vice-versa
1111111x
FF
Table 12.
Mode signal description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com