Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics STPM10 Datasheet HTML 41Page - STMicroelectronics STPM10 Datasheet HTML 42Page - STMicroelectronics STPM10 Datasheet HTML 43Page - STMicroelectronics STPM10 Datasheet HTML 44Page - STMicroelectronics STPM10 Datasheet HTML 45Page - STMicroelectronics STPM10 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Theory of operation
STPM10
42/51
Doc ID 17728 Rev 3
As shown in Table 14, only analog parameters are the object of calibration because they
introduce a certain error. Voltage ADC amplification Av is constant, while Ai is chosen
according to the sensors used.
The calibration algorithm first calculates the voltage divider ratio and, as a final result, the
correction parameters, called Kv and Ki, which applied to STPM10 voltage and current
measures compensate the small tolerances of the analog components that affect energy
calculation.
Since Kv and Ki calibration parameters are the decimal representation of the corresponding
configuration bytes CHV and CHP or CHS (respectively, the voltage channel, primary
current channel and secondary current channel calibration bytes), at the end of calibration,
CHV and CHP or CHS (according to the current channel under calibration, primary or
secondary, respectively) the bits' values are obtained.
In the following procedure CHV, CHP and CHS are indicated as Cv and Ci.
Through hard-wired formulas, Kv and Ki tune measured values varying from 0.75 to 1, in 256
steps, according to the value of Cv and Ci (from 0 to 255).
To obtain the greatest correction dynamic, initially calibrators are set in the middle of the
range, thus obtaining a calibration range of 12.5% per voltage or current channel:
Calibrator value
Kv = Ki = 0.875
Ci = Cv = 128
In this way, it is possible to tune Kv and Ki to obtain a precise measurement: for example Cv
= 0 generates a correction factor of -12.5% (Kv = 0.75) and Cv = 255 determines a
correction factor of +12.5% (Kv = 1), and so on.
Based on the above, the following formulas relating to Kv,i and Cv,i are obtained:
Kv,i = (Cv,i / 128) * 0.125 + 0.75
Cv,i = 1024 * Kv,i - 768
Table 14.
Device constants
Parameter
Value
Tolerance
Internal reference voltage
VBG
1.23 V
± 2%
Internal calculation frequency
fM
223 Hz
± 50 ppm
Amplification of voltage ADC
AV
4± 1%
Amplification of current ADC
AI
8, 16, 24, 32
± 2%
Gain of differentiator
GDIF
0.6135
Gain of integrator
GINT
0.815
Gain of decimation filter
GDF
1.004
RMS voltage record length
BV
211
RMS current record length
BI
216
Constant
DUD
217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com