Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 2Page - STMicroelectronics STUSB06E Datasheet HTML 3Page - STMicroelectronics STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum ratings
STUSB06E
6/20
3
Maximum ratings
Table 3.
Absolute maximum ratings (1)
1.
Absolute maximum ratings are those values above which damage to the device may occur. Functional operation under
these conditions is not implied. All voltages are referenced to GND.
Symbol
Parameter
Value
Unit
VREG
Supply voltage
-0.5 to 4.6
V
V+
All other input
-0.5 to 4.6
V
IO
Output current (D+, D-)
± 50
mA
IO
Output current (all others)
± 15
mA
TSTG
Storage temperature range
-65 to +150
°C
ESD
Electrostatic discharge voltage (according to HBM JESD22-A114) (D+,D-)
± 9
kV
Electrostatic discharge voltage (according to HBM JESD22-A114) (VREG)± 7
kV
Electrostatic discharge voltage (according to HBM JESD22- A114) (all other
pins)
± 2
kV
Electrostatic discharge voltage (according to CDM JESD22-C101C) (all
pins)
± 500
V
Electrostatic discharge voltage (according to MM JESD22-A115A) (all pins)
± 200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com