Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 4 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 4 Page - STMicroelectronics

  STUSB06E Datasheet HTML 1Page - STMicroelectronics STUSB06E Datasheet HTML 2Page - STMicroelectronics STUSB06E Datasheet HTML 3Page - STMicroelectronics STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
STUSB06E
4/20
2
Pin configuration
Figure 2.
Pin connections (top view)
1
5
13
9
1
5
13
9
Table 2.
Pin description
Pin°
Symbol
Type
Description
1
OE#
I
Active low output enable signal
2
RCV
O
Differential receiver output. Stable output during SE0. This pin has an internal 220
k
Ω pull-down to ground when HIGHZ=”H” only.
3VP
O
Standard Mode: USB D+ receiver output. This pin has an internal 220 k
Ω pull-down
to ground when HIGHZ=”H” only.
4VM
O
Standard Mode: USB D- receiver output. This pin has an internal 220 k
Ω pull-down
to ground when HIGHZ=”H” only.
5
SUSPEND
I
Normally used as Suspend input (active high). Puts the transceiver in low power
consumption mode. Functionality can change depending on status of SPEED# and
SOFTCON pins. See Table 12 for more details.
6
HIGHZ
I
Sets to high impedance for production flash. This pin has an internal 220 k
Ω pull-
down to ground always connected.
7VCC_IO
PWR
Supply voltage for digital I/O pins (1.6 V to 3.6 V)
8
SPEED#
I
Normally used as Speed selection input. A logic LOW adjusts the slew rate of D+/D-
USB differential signals for Full-speed operation. Set to HIGH for Low-speed
operation. Functionality can change depending on status of SUSPEND and
SOFTCON pins. See Table 12 for more details.
9
D-
AI/O
USB Mode: Negative USB data line
10
D+
AI/O
USB Mode: Positive USB data line
11
VO
I
USB differential driver data input
12
FSE0
I
Standard Mode: Force single-ended zero data input. This pin has an internal 220 k
Ω
pull-down to ground when HIGHZ=”H” only.
13
VREG
PWR
Analog supply voltage input (3.0 V to 3.6 V). Left floating brings the device into
sharing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com