Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB06E Datasheet HTML 1Page - STMicroelectronics STUSB06E Datasheet HTML 2Page - STMicroelectronics STUSB06E Datasheet HTML 3Page - STMicroelectronics STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2008
Rev 1
1/20
20
STUSB06E
3.3 V USB transceiver
Features
Compliant to USB v2.0 for full-speed (12 Mb/s)
and low-speed (1.5 Mbps) operation
HBM = ± 9 kV on D+, D- lines, ± 7 kV on VREG
± 6 kV ESD compliant to IEC-61000-4-2 on D+,
D-, VREG lines
Separate I/O supply with operation down to
1.6 V
Integrated 150 k
Ω switchable pull-up from D+
to VREG
Supports host negotiation protocol (DP pull-up
auto-connection after SE0)
SEO active low interrupt in HNP mode (INT,
VCC_IO referred)
Very low power consumption to meet USB
'suspend' current requirements
No power supply sequencing requirements
Software controlled re-enumeration
(SOFTCON)
Available in small BCC++16L package
3 mm x 3 mm max thickness 0.80 mm halogen
free RoHS compliant package
Applications
Mobile phones
PDAs
MP3 players
Digital still cameras
Description
The STUSB06E is a single chip transceiver that
complies with the physical layer specifications of
the Universal Serial Bus (USB) v2.0 standard. It is
powered by external 3.3 V supply and has an
integrated 150 k
Ω resistor to implement charger
detection with weak pull-up method.
The STUSB06E also supports sharing mode
when VREG is not present, which allows the D+/D-
lines to be shared with other serial protocols.
It supports both full-speed (12 Mbps) and low-
speed (1.5 Mbps) operation. It is also designed to
operate down to 1.6 V so that it is compatible with
lower system voltages of most portable systems,
which include cell phones, PDAs and MP3
players.
BCC++16L
(3 mm x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STUSB06EHTR
BCC++16L (3 mm x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STUSB06E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
More results

Similar Description - STUSB06E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
logo
NXP Semiconductors
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
3.3-V RS-485 TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
3.3-V CAN TRANSCEIVER
logo
NXP Semiconductors
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
3.3-V RS-485 Transceiver
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
3.3-V Radiation Hardened CAN Transceiver
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com