Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics STUSB06E Datasheet HTML 14Page - STMicroelectronics STUSB06E Datasheet HTML 15Page - STMicroelectronics STUSB06E Datasheet HTML 16Page - STMicroelectronics STUSB06E Datasheet HTML 17Page - STMicroelectronics STUSB06E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Functional tables
STUSB06E
14/20
7
Functional tables
Table 9.
Standard mode (see
Table 12)
SUSPEND
OE#
D+, D-
RCV
VP, VM
Function
L
L
Driving
Active
Active
Normal driving
L
H
Receiving
Active
Active
Receiving
H
L
Driving
Inactive (1)
1.
In suspend mode the differential receiver is inactive and RCV is LOW.
Active
Driving during suspend (Differential receiver
inactive)
H
H
High-Z
Inactive (1)
Active
Low-power state
Table 10.
Standard mode driving (OE#=LOW)
FSE0
VO
D+, D-
L
L
Differential logic 0
L
H
Differential logic 1
H
L
SE0
H
H
SE0
Table 11.
Standard mode receiving (OE#=HIGH)
D+,D-
RCV
VP
VM
Differential logic 0
L
L
H
Differential logic 1
H
H
L
SE0
RCV (1)
LL
1.
RCV holds the status it had just before SE0.
Table 12.
Pull-up setting mode (speed selection and charger detection)
Suspend
Softcon
Speed#
Function
0
0
0
No 1.5 k
Ω pull-up
FS
USB standard mode, default
state
0
1
0
1.5 k
Ω pull-up
FS
USB standard mode
0
0
1
No 1.5 k
Ω pull-up
LS
USB standard mode
01
1
Pull-up ON (1.5 k
Ω) after detecting
SE0 RCV=”0”
FS
Suspend, conditional pull-up
1
0
0
No 1.5 k
Ω pull-up
FS
Suspend standard mode
1
1
0
1.5 k
Ω Pull-up
FS
Suspend standard mode
1
0
1
No 1.5 k
Ω pull-up
LS
Suspend standard mode
1
1
1
No 1.5 k
Ω pull-up, RCV=”0”
FS/X USB mode & Rwpu ON (150 k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com