Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics STUSB06E Datasheet HTML 14Page - STMicroelectronics STUSB06E Datasheet HTML 15Page - STMicroelectronics STUSB06E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Functional description
STUSB06E
12/20
First charger (Figure 3) will have a 200
Ω Max resistor (RDCHGR_DAT) between D+ and D-
and its connection will held both the D+ and D- lines at high level. Second charger (Charging
Host Port Figure 4) connection will held both the D+ and D- lines to logic low level.
Figure 3.
Dedicated charger port
Figure 4.
Standard host port
Table 8.
USB lines status during charger detection
USB lines status
USB PHY with resistive detection method ON
Disconnected
Dedicated charger port
Standard host port
D+
“1”
“1”
“0”
D-
“0”
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com