Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB06E Datasheet HTML 1Page - STMicroelectronics STUSB06E Datasheet HTML 2Page - STMicroelectronics STUSB06E Datasheet HTML 3Page - STMicroelectronics STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STUSB06E
Pin configuration
5/20
Pin°
Symbol
Type
Description
14
INT
O
Active Low output interrupt signal. Active when a SE0 is detected while in HNP
mode. This pin has an internal 220 k
Ω pull-down to ground when HIGHZ=”H” only.
15
VPU
PWR
Data line pull-up supply voltage. Connect an external 1.5 k
Ω resistor to D+ (full-
speed) or D- (low-speed). Pin output is controlled by SUSPEND, SPEED# and
SOFTCON inputs.
16
SOFTCON
I
Normally used as Software controlled enumeration pin: controls the status of VPU
pin and the connection of internal weak pull-up resistor. LOW: VPU floating
(SUSPEND=”0” or “1”). HIGH: VPU = 3.3 V. Functionality can change depending on
status of SPEED# and SUSPEND pins. See Table 12 for more details.
Exp
GND
PWR
Ground reference
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com