Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STUSB06E
Electrical characteristics
9/20
Table 6.
DC electrical characteristics (D+, D- pins; USB standard mode)
(VCC_IO = 1.8 V, VREG = 3.3 V unless otherwise noted; TA = 25 °C, specifications over
temperature, -40 to 85 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILO
HighZ state data line leakage
VCC_IO = 1.8V; SUSPEND
= 1
-10
10
µA
VDI
Differential input sensitivity
|(D+)-(D-)|
0.2
V
VCM
Differential common mode range
Includes VDI range
(VDI=200mV)
0.8
2.5
V
VSE
Single ended receiver threshold
Low to high transition
0.8
1.6
2.0
V
High to low transition
0.8
1.1
2.0
V
VRHYS
Receiver hysteresis
VCM = 0.8V
100
mV
VOL
Static output low
RL = 1.5kΩ to 3.6V
0.3
V
VOH
Static output high
RL = 15kΩ to GND
2.8
3.6
V
CI
Transceiver input capacitance
Pin to GND
25
pF
ZDRV
Driver output impedance (1)
Steady state drive
28
44
Ω
ZIN
Input impedance
1
M
Ω
ZIN CD
D+ input impedance vs VREG
(During weak pull-up charger
detection method)
105
150
195
k
Ω
1.
It includes external resistor. We recommend 33
Ω ± 10 % series external resistor to match USB compliance spec range
(28-44
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com