Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics STUSB06E Datasheet HTML 14Page - STMicroelectronics STUSB06E Datasheet HTML 15Page - STMicroelectronics STUSB06E Datasheet HTML 16Page - STMicroelectronics STUSB06E Datasheet HTML 17Page - STMicroelectronics STUSB06E Datasheet HTML 18Page - STMicroelectronics STUSB06E Datasheet HTML 19Page - STMicroelectronics STUSB06E Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STUSB06E
Package mechanical data
17/20
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.725
0.800.029
0.031
A1
0.05
0.075
0.10
0.002
0.003
0.004
b
0.27
0.300.33
0.011
0.012
0.013
b10.320.350.38
0.013
0.014
0.015
D2.90
33.10
0.114
0.118
0.122
D2
1.73
1.801.87
0.068
0.071
0.074
D3
1.351.401.45
0.053
0.055
0.057
E2.90
33.10
0.114
0.118
0.122
E2
1.73
1.801.87
0.068
0.071
0.074
E3
1.351.401.45
0.053
0.055
0.057
e0.50
0.020
e1
2.45
0.096
e2
2.50
0.098
BCC++16L (3x3) Mechanical Data
8050582A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com