Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 3Page - STMicroelectronics STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STUSB06E
Electrical characteristics
7/20
4
Electrical characteristics
Note:
1
The device is not guaranteed to function outside its operating rating.
2
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5
k
Ω in series with 100 pF.
3
All AC parameters guaranteed by design but not production tested.
Table 4.
DC electrical characteristics (power supply, digital I/O pins) (VCC_IO = 1.8 V,
VREG = 3.3V unless otherwise noted; TA = 25 °C, specifications over temperature,
-40 to 85 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VREG
Analog supply voltage
3.0
3.6
V
VCC_IO System I/F supply voltage
1.6
3.6
V
VIL
Low level input voltage (1)
1.
Specification applies to the following pins: OE#, SUSPEND, HIGHZ, SPEED#, VO, FSE0, SOFTCON.
0.15 VCC_IO
V
VIH
High level input voltage (1)
0.85 VCC_IO
V
IIOLZ
Low level input leakage
(RCV, VP, VM, FSE0, INT)
VCC_IO=1.8V, HIGHZ=1.8V, all
inputs at GND.
± 10
µA
IIOHZ
High level input leakage
(RCV, VP, VM, FSE0, INT)
VCC_IO=1.8V, HIGHZ=1.8V all
inputs at 1.8V.
± 10
µA
IIL
Low level input leakage
(Speed#, OE#, VO, FSE0,
SUSPEND)
VCC_IO=1.65 to 3.6V,
HIGHZ=GND or floating
± 5
µA
IIH
High level input leakage
(Speed#, OE#, VO, FSE0,
SUSPEND)
VCC_IO=1.65 to 3.6V,
HIGHZ=GND or floating
± 5
µA
VOL
Low level output voltage
(2)
2.
Specification applies to the following pins: RCV, VP, VM, INT.
IOL= +20µA
0
100
mV
VOH
High level output voltage
(2)
IOH= -20µA
VCC_IO-100
VCC_IO
mV
IIF
VCC_IO supply current
D+, D- are idle, SUSPEND = 1
5
µA
D+, D- active, CLOAD = 25pF,
SPEED#=0, f=6MHz (3)
3.
Characterized specification(s), but not production tested.
1.3
2
mA
D+, D- active, CLOAD = 25pF,
SPEED#=1, f=750kHz (3)
180
220
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com