Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics STUSB06E Datasheet HTML 14Page - STMicroelectronics STUSB06E Datasheet HTML 15Page - STMicroelectronics STUSB06E Datasheet HTML 16Page - STMicroelectronics STUSB06E Datasheet HTML 17Page - STMicroelectronics STUSB06E Datasheet HTML 18Page - STMicroelectronics STUSB06E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STUSB06E
Functional tables
15/20
Table 13.
Pin states in power modes
Pins
Disable mode
Sharing mode
High-Z mode
VREG
3.3 V
Not Present
-
VCC_IO
Not present
1.6 V to 3.6 V input
1.6 V to 3.6 V input
VPU
High impedance
High impedance
High impedance
D+, D-
High impedance
High impedance
High impedance
VP, VM
Invalid
H
High impedance (1)
RCV
Invalid
L
High impedance (1)
INT
Invalid
H
High impedance (1)
FSE0
High impedance (1)
High impedance (1)
High impedance (1)
Inputs (VO, SPEED#,
SUSPEND, OE#, SOFTCON)
High impedance
High impedance
High impedance
HIGHZ
Floating (2)
Floating (2)
H
1.
A 220 k
Ω pull down is connected when HIGHZ="1".
2.
HIGHZ input has an internal pull down resistor in order to disable HIGH-Z mode if left floating.
Table 14.
Power supply configurations
Mode
VREG
VCC_IO
Operating mode
3.0 V to 3.6 V
1.6 V to 3.6 V
Disable mode
X (1)
GND
Charger detection mode (2)
3.0 V to 3.6 V
1.6 V to 3.6 V
1.
X: don't care.
2.
weak 150 k
Ω pull-up is connected between D+ to VREG below some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com