Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB06E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics STUSB06E Datasheet HTML 13Page - STMicroelectronics STUSB06E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
STUSB06E
10/20
Table 7.
AC electrical characteristics (VCC_IO = 1.8 V, VREG = 3.3 V unless otherwise noted;
TA = 25 °C, specifications over temperature, -40 to 85 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tR
Transition rise time (LOW SPEED)
CL = 50pF
75
ns
CL = 600pF
300
tF
Transition fall time (LOW SPEED)
CL = 50pF
75
ns
CL = 600pF
300
tRFM
Rise/Fall time matching (LOW SPEED)
(tR, tF)
80
125
%
VCRS_LS
Output signal crossover voltage (LS)
1.3
2
V
t
R
Transition Rise time (FULL SPEED)
CL = 50pF Figure 5
4
20
ns
t
F
Transition Fall time (FULL SPEED)
CL = 50pF Figure 5
4
20
ns
t
RFM
Rise/Fall time matching (FULL SPEED)
(tR, tF)
90
111.11
%
VCRS_FS
Output signal crossover voltage (FS)
1.3
2
V
tTA_ OI
Output to input turnaround time
0
5
ns
tTA_ IO
Turnaround time
0
5
ns
tPZH, tPZL Driver enable delay time
8
ns
tPHZ, tPLZ Driver disable delay time
17
ns
tPLH, tPHL VP, VM to D+, D- propagation delay time
FS, CL=50pF
55
ns
LS, CL=600pF
300
ns
tPLH, tPHL D+, D- to RCV propagation delay time
FS, input slope = 15 ns
18
ns
tPLH, tPHL D+, D- to VP, VM propagation delay time FS, input slope = 15 ns
24
ns
tDET_SE0
SE0 detection delay time D+, D- to INT
(“0”, “0” to INT=“0”)
Suspend=”0”,
Softcon= Speed#=”1”
40
ns
tDET#_SE0
No SE0 detection delay time D+, D- to
INT (“1”, “X” to INT= “1”) or (“x”, “1” to
“1”)
Suspend=”0”,
Softcon= Speed#=”1”
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com