Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 52Page - STMicroelectronics STA309B Datasheet HTML 53Page - STMicroelectronics STA309B Datasheet HTML 54Page - STMicroelectronics STA309B Datasheet HTML 55Page - STMicroelectronics STA309B Datasheet HTML 56Page - STMicroelectronics STA309B Datasheet HTML 57Page - STMicroelectronics STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Registers
STA309B
56/66
Doc ID 022570 Rev 2
7.5
Writing a single coefficient to RAM
1.
write top 2 bits of address to I2C register 0x3B
2.
write bottom 8 bits of address to I2C register 0x3C
3.
write top 8 bits of coefficient in I2C address 0x3D
4.
write middle 8 bits of coefficient in I2C address 0x3E
5.
write bottom 8 bits of coefficient in I2C address 0x3F
6.
write 1 to W1 bit in I2C address 0x4C
7.6
Writing a set of coefficients to RAM
1.
write top 2 bits of starting address to I2C register 0x3B
2.
write bottom 8 bits of starting address to I2C register 0x3C
3.
write top 8 bits of coefficient b1 in I2C address 0x3D
4.
write middle 8 bits of coefficient b1 in I2C address 0x3E
5.
write bottom 8 bits of coefficient b1 in I2C address 0x3F
6.
write top 8 bits of coefficient b2 in I2C address 0x40
7.
write middle 8 bits of coefficient b2 in I2C address 0x41
8.
write bottom 8 bits of coefficient b2 in I2C address 0x42
9.
write top 8 bits of coefficient a1 in I2C address 0x43
10. write middle 8 bits of coefficient a1 in I2C address 0x44
11. write bottom 8 bits of coefficient a1 in I2C address 0x45
12. write top 8 bits of coefficient a2 in I2C address 0x46
13. write middle 8 bits of coefficient a2 in I2C address 0x47
14. write bottom 8 bits of coefficient a2 in I2C address 0x48
15. write top 8 bits of coefficient b0 in I2C address 0x49
16. write middle 8 bits of coefficient b0 in I2C address 0x4A
17. write bottom 8 bits of coefficient b0 in I2C address 0x4B
18. write 1 to WA bit in I2C address 0x4C
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side-effects.
When using this technique, the 10-bit address specifies the address of the biquad b1
coefficient (for example, decimals 0, 5, 10, 15, …, 100, … 395), and the STA309B generates
the RAM addresses as offsets from this base value to write the complete set of coefficient
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com