Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics STA309B Datasheet HTML 62Page - STMicroelectronics STA309B Datasheet HTML 63Page - STMicroelectronics STA309B Datasheet HTML 64Page - STMicroelectronics STA309B Datasheet HTML 65Page - STMicroelectronics STA309B Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Equalization and mixing
STA309B
62/66
Doc ID 022570 Rev 2
8.5.3
RAMPTIM: ramp duration register (0x66)
This function is the total pop-free ramp duration (same value for ramp-up and ramp-down
and for all channels); default is 400 ms (range is 0-25 sec.).
8.5.4
TSPUPT: waiting time after EAPD (0x67 - 0x68)
This function is the waiting time after EAPD=1 to start ramp-up (same value for all
channels); default is 680 ms (range is 0-11 sec.). In a typical application the EAPD line is
connected to the TRI-STATE input pin of the STA5xx power stage through the RC filter (see
Figure 9 on page 61). TSPUPT shall be greater than the RC time constant.
8.5.5
LSPDWT: waiting time before EAPD (0x71 - 0x72)
This function is the waiting time after end of ramp-down to assert EAPD=0 (same value for
all channels); default is 1.4 sec. (range is 0-11 sec.). If a resistor is placed in parallel to the
output filter capacitor (see Figure 9 on page 61), the LSPDWT value is 0x00.
D7
D6
D5
D4
D3
D2
D1
D0
TR7
TR6
TR5
TR4
TR3
TR2
TR1
TR0
00
00
01
0
0
D7
D6
D5
D4
D3
D2
D1
D0
TP15
TP14
TP13
TP12
TP11
TP10
TP9
TP8
00
01
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
TP7
TP6
TP5
TP4
TP3
TP2
TP1
TP0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
TL15
TL14
TLP13
TL12
TL11
TL10
TL9
TL8
00
10
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
TL7
TL6
TL5
TL4
TL3
TL2
TL1
TL0
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com