Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 57Page - STMicroelectronics STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics STA309B Datasheet HTML 62Page - STMicroelectronics STA309B Datasheet HTML 63Page - STMicroelectronics STA309B Datasheet HTML 64Page - STMicroelectronics STA309B Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
STA309B
Equalization and mixing
Doc ID 022570 Rev 2
61/66
Figure 9.
Typical single-ended driver - power stage configuration
The R pull-down resistor (typical value: 3.3 kOhm) is placed to ensure that there is zero
voltage across the load and the bypass capacitor is discharged when the amplifier is in
tristate mode.
8.5.1
PFCXON: digital pop-free register (0x5F)
PFCXON[I]:
when ‘1’, digital pop free is active on channel i+1 when in binary mode (see
Section 7.2.5: Configuration register E (0x04) on page 28)
when ‘0’, digital pop free is not active on channel i+1
8.5.2
Timing settings
Figure 10.
Pop-free timing diagram
STA309B
STA5xx
y
x
T
U
O
y
x
T
U
O
EAPD
TRI-STATE
INxy
Cbyp
PWRDN
STA309B
STA5xx
y
x
T
U
O
y
x
T
U
O
EAPD
TRI-STATE
INxy
Cbyp
PWRDN
STA309B
STA5xx
y
x
T
U
O
y
x
T
U
O
EAPD
TRI-STATE
INxy
Cbyp
PWRDN
D7
D6
D5
D4
D3
D2
D1
D0
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
11
11
11
1
1
…
EAPD
OUT
GND
VCC/2
LSPDWT
TSPUPT
RAMPTIM
RAMPTIM
…
EAPD
OUT
GND
VCC/2
LSPDWT
TSPUPT
RAMPTIM
RAMPTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com