Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 35Page - STMicroelectronics STA309B Datasheet HTML 36Page - STMicroelectronics STA309B Datasheet HTML 37Page - STMicroelectronics STA309B Datasheet HTML 38Page - STMicroelectronics STA309B Datasheet HTML 39Page - STMicroelectronics STA309B Datasheet HTML 40Page - STMicroelectronics STA309B Datasheet HTML 41Page - STMicroelectronics STA309B Datasheet HTML 42Page - STMicroelectronics STA309B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
39/66
7.2.33
AUTO2 - AutoModes bass management2 (0x20)
Setting the AMBMME bit enables the proper mixing to take place for various preset bass
management configurations. Setting the AMBMXE bit enables the proper crossover filtering
in biquad #7 to take place. The crossover for bass management is always 2nd order
(24 dB/oct) and the crossover frequency is determined by register bits PREEQ.XO[2:0].
All configurations of Dolby Bass Management can be performed in the IC. These different
configurations are selected as they would be by the end-user.
The AutoMode bass management settings utilize channels 1-6 in the Mix #1 engine,
Channels 1-6 biquad #6, and channels 1-2 in the mix #2 engine in configuration #2. These
functions cannot be user-programmed while the bass management automode is active.
Not all settings are valid as some configurations are unlikely and do not have to be
supported by Dolby specifications.
Automatic crossover settings are provided or custom crossovers can be implemented using
the available programmable biquads.
Input channels must be mapped using the channel-mapping feature in the following manner
for bass management to be performed properly.
1: left front
2: right front
3: left rear
4: right rear
5: center
6: LFE
D7
D6
D5
D4
D3
D2
D1
D0
SUB
RSS1
RSS0
CSS1
CSS0
FSS
AMBMXE
AMBMME
10
00
00
0
0
Bit
RW
RST
Name
Description
0
RW
0
AMBMME
0: AutoMode bass management mix disabled
1: AutoMode bass management mix enabled
Bit
RW
RST
Name
Description
1
RW
0
AMBMXE
0: AutoMode bass management crossover disabled
1: AutoMode bass management crossover enabled
Bitfield
10
01
00
CSS - center speaker size
Off
Large
Small
RSS - rear speaker size
Off
Large
Small



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com