Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 63 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics STA309B Datasheet HTML 62Page - STMicroelectronics STA309B Datasheet HTML 63Page - STMicroelectronics STA309B Datasheet HTML 64Page - STMicroelectronics STA309B Datasheet HTML 65Page - STMicroelectronics STA309B Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
STA309B
Package information
Doc ID 022570 Rev 2
63/66
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 10.
VFQFPN-56 (8 x 8 mm) package dimensions
Reference
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.05
D8.00
D2
See exposed pad variations
E8.00
E2
See exposed pad variations
b
0.25
0.30
0.35
b1
0.20
0.25
0.30
e (pad pitch)(1)
1.
Refer to Figure 11.
L1
0.05
0.15
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.08
fff
0.10
ccc
0.10
Table 11.
Exposed pad variations
Variation
D2
E2
Min.
Typ.
Max
Min.
Typ.
Max.
A
5.85
5.90
5.95
5.85
5.90
5.95
B
4.25
4.30
4.35
4.25
4.30
4.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com