Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 41Page - STMicroelectronics STA309B Datasheet HTML 42Page - STMicroelectronics STA309B Datasheet HTML 43Page - STMicroelectronics STA309B Datasheet HTML 44Page - STMicroelectronics STA309B Datasheet HTML 45Page - STMicroelectronics STA309B Datasheet HTML 46Page - STMicroelectronics STA309B Datasheet HTML 47Page - STMicroelectronics STA309B Datasheet HTML 48Page - STMicroelectronics STA309B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
45/66
7.2.45
Tone control (0x2C)
This is the tone control boost / cut as a function of the BTC and TTC bits.
7.2.46
Channel limiter select channels 1,2,3,4 (0x2D)
7.2.47
Channel limiter select channels 5,6,7,8 (0x2E)
7.2.48
Limiter 1 attack/release rate (0x2F)
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
01
11
01
1
1
BTC[3:0] / TTC[3:0)
Boost / cut
0000
-12 dB
0001
-12 dB
……
0111
-4 dB
0110
-2 dB
0111
0 dB
1000
+2 dB
1001
+4 dB
……
1101
+12 dB
1110
+12 dB
1111
+12dB
D7
D6
D5
D4
D3
D2
D1
D0
C4LS1
C4LS0
C3LS1
C3LS0
C2LS1
C2LS0
C1LS1
C1LS0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C8LS1
C8LS0
C7LS1
C7LS0
C6LS1
C6LS0
C5LS1
C5LS0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
L1A3
L1A2
L1A1
L1A0
L1R3
L1R2
L1R1
L1R0
01
10
10
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com