Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 23Page - STMicroelectronics STA309B Datasheet HTML 24Page - STMicroelectronics STA309B Datasheet HTML 25Page - STMicroelectronics STA309B Datasheet HTML 26Page - STMicroelectronics STA309B Datasheet HTML 27Page - STMicroelectronics STA309B Datasheet HTML 28Page - STMicroelectronics STA309B Datasheet HTML 29Page - STMicroelectronics STA309B Datasheet HTML 30Page - STMicroelectronics STA309B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
27/66
7.2.4
Configuration register D (0x03)
The FFX power output mode selects how the FFX output timing is configured. Different
power devices use different output modes. The STA50x recommended use is
OM = 10.
Setting the MPC bit turns on special processing that corrects the STA50x power device at
high power. This mode should lower the THD+N of a full STA50x FFX system at maximum
power output and slightly below. This mode will only be operational at OM[1,0] = 01.
D7
D6
D5
D4
D3
D2
D1
D0
MPC
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
11
00
00
1
0
Bit
RW
RST
Name
Description
0RW
0
OM0
FFX power output mode: selects configuration of
FFX output
1RW
1
OM1
OM[1,0]
Output stage - mode
00
STA50x/STA51xB - drop compensation
01
Discrete output stage - tapered compensation
10
STA50x/STA51xB - full power mode
11
Variable drop compensation (CSZn bits)
Bit
RW
RST
Name
Description
2RW
0
CSZ0
Contra size register: when OM[1,0] = 11, this register
determines the size of the FFX compensating pulse
from 0 clock ticks to 31 clock periods.
3RW
0
CSZ1
4RW
0
CSZ2
5RW
0
CSZ3
6RW
1
CSZ4
CSZ[4:0]
Compensating pulse size
00000
0 clock period compensating pulse size
00001
1 clock period compensating pulse size
……
11111
31 clock period compensating pulse size
Bit
RW
RST
Name
Description
7RW
1
MPC
Max power correction: setting to 1 enables STA50x
correction for THD reduction near maximum power
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com