Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 26Page - STMicroelectronics STA309B Datasheet HTML 27Page - STMicroelectronics STA309B Datasheet HTML 28Page - STMicroelectronics STA309B Datasheet HTML 29Page - STMicroelectronics STA309B Datasheet HTML 30Page - STMicroelectronics STA309B Datasheet HTML 31Page - STMicroelectronics STA309B Datasheet HTML 32Page - STMicroelectronics STA309B Datasheet HTML 33Page - STMicroelectronics STA309B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Registers
STA309B
30/66
Doc ID 022570 Rev 2
7.2.7
Configuration register G (0x06)
The STA309B features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an active AM tuner. The SNR of the FFX processing is reduced to
~83 dB in this mode, which is still greater than the SNR of AM radio.
The STA309B features 2 FFX processing modes that minimize the amount of noise
generated in the frequency range of AM radio. This second mode is intended for use when
FFX is operating in a device with an active AM tuner. This mode eliminates the noise-
shaper.
Channels 7 and 8 can be configured to be processed and output in such a manner that
headphones can be driven using an appropriate output device. This signal is a differential
3-wire drive called FFX headphone.
D7
D6
D5
D4
D3
D2
D1
D0
MPCV
DCCV
HPE
AM2E
AME
COD
SID
PWMD
00
00
00
0
0
Bit
RW
RST
Name
Description
0RW
0
PWMD
PWM output disable:
0: PWM output normal
1: no PWM output
1RW
0
SID
Serial interface (I2S out) disable:
0: I2S output normal
1: no I2S output
2RW
0
COD
Clock output disable:
0: clock output normal
1: no clock output
Bit
RW
RST
Name
Description
3RW
0
AME
AM mode enable:
0: normal FFX operation.
1: AM reduction mode FFX operation
Bit
RW
RST
Name
Description
4RW
0
AM2E
AM2 mode enable:
0: normal FFX operation
1: AM2 reduction mode FFX operation
Bit
RW
RST
Name
Description
5RW
0
HPE
FFX headphone enable:
0: channels 7 and 8 normal FFX operation
1: channels 7 and 8 headphone operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com