Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 36Page - STMicroelectronics STA309B Datasheet HTML 37Page - STMicroelectronics STA309B Datasheet HTML 38Page - STMicroelectronics STA309B Datasheet HTML 39Page - STMicroelectronics STA309B Datasheet HTML 40Page - STMicroelectronics STA309B Datasheet HTML 41Page - STMicroelectronics STA309B Datasheet HTML 42Page - STMicroelectronics STA309B Datasheet HTML 43Page - STMicroelectronics STA309B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Registers
STA309B
40/66
Doc ID 022570 Rev 2
When AMBMXE = 1, biquad #7 on channels 1-6 are utilized for the bass-management
crossover filter, this biquad is not user-programmable in this mode. The XO settings
determine the crossover frequency used, the crossover is 2nd order for both high-pass and
low-pass with a -3 dB cross point. Higher order filters can be obtained be programming
coefficients in other biquads if desired.
It is recommended to use settings of 120-160 Hz when using small, single driver satellite
speakers as the frequency response of these speakers normally is limited to this region.
7.2.34
AUTO3 - AutoMode AM/pre-scale/bass management scale (0x21)
Bitfield
1
0
FSS - front speaker size
Large
Small
SUB - subwoofer
On
Off
D7
D6
D5
D4
D3
D2
D1
D0
AMAM2
AMAM1
AMAM0
AMAME
MSA
AMPS
00
00
0
0
Bit
RW
RST
Name
Description
0RW
0
AMPS
AutoMode pre-scale
0: -18 dB used for pre-scale when AMEQ = 00
1: user-defined pre-scale when AMEQ = 00
Bit
RW
RST
Name
Description
1RW
0
MSA
Bass management mix scale adjustment
0: -12 dB scaling on satellite channels in config #1
1: no scaling on satellite channels in config #1
Bit
RW
RST
Name
Description
4RW
0
AMAME
AutoMode AM enable
0: switching frequency determined by PWMS settings
1: switching frequency determined by AMAM settings
AMAM[2:0]
48 kHz/96 kHz input Fs
44.1 / 88.2 kHz input Fs
000
0.535 MHz - 0.720 MHz
0.535 MHz - 0.670 MHz
001
0.721 MHz - 0.900 MHz
0.671 MHz - 0.800 MHz
010
0.901 MHz - 1.100 MHz
0.801 MHz - 1.000 MHz
011
1.101 MHz - 1.300 MHz
1.001 MHz - 1.180 MHz
100
1.301 MHz - 1.480 MHz
1.181 MHz - 1.340 MHz
101
1.481 MHz - 1.600 MHz
1.341 MHz - 1.500 MHz
110
1.601 MHz - 1.700 MHz
1.501 MHz - 1.700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com