Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 56Page - STMicroelectronics STA309B Datasheet HTML 57Page - STMicroelectronics STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics STA309B Datasheet HTML 62Page - STMicroelectronics STA309B Datasheet HTML 63Page - STMicroelectronics STA309B Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Equalization and mixing
STA309B
60/66
Doc ID 022570 Rev 2
8.4
PSCorrect registers
ADC is used to input ripple data to SDI78. The left channel (7) is used internally. No audio
data can therefore be used on these channels, although all channel mapping and mixing
from other inputs to channels 7 and 8 internally are still valid.
8.4.1
PSC1-2: ripple correction value (RCV) (0x51, 0x52)
This function is equivalent to the negative maximum ripple peak as a percentage of Vcc
(MPR), scaled by the inverse of the maximum ripple p-p as a percentage of full-scale analog
input to ADC. It is represented as a 1.11 signed fractional number.
8.4.2
PSC3: correction normalization value (CNV) (0x53)
This function is equivalent to 1 / (1+MPR) expressed as a 0.12 unsigned fractional number.
8.5
Digital pop-free operation in single-ended mode
The STA309B pop-free feature allows digitally pre-loading the bypass capacitor between the
filtered amplifier output and the load in single-ended applications. Normally, a bypass
capacitor needs to be preloaded to half of the power supply in order to avoid having pop-
noise at PWM startup.
By enabling the STA309B pop-free feature, it is possible to preload the capacitor using the
amplifier, without needing the resistive partition. By forcing a ramp, it is possible to gradually
load the capacitor from zero to half the supply with the PWM signal starting from near 0%
duty cycle to 50% duty cycle. This “active load” is also faster than the resistive partition
method.
D7
D6
D5
D4
D3
D2
D1
D0
RCV11
RCV10
RCV9
RCV8
RCV7
RCV6
RCV5
RCV4
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
RCV3
RCV2
RCV1
RCV0
CNV11
CNV10
CNV9
CNV8
00
00
11
1
1
D7
D6
D5
D4
D3
D2
D1
D0
CNV7
CNV6
CNV5
CNV4
CNV3
CNV2
CNV1
CNV0
11
11
11
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com