Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA309B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 28Page - STMicroelectronics STA309B Datasheet HTML 29Page - STMicroelectronics STA309B Datasheet HTML 30Page - STMicroelectronics STA309B Datasheet HTML 31Page - STMicroelectronics STA309B Datasheet HTML 32Page - STMicroelectronics STA309B Datasheet HTML 33Page - STMicroelectronics STA309B Datasheet HTML 34Page - STMicroelectronics STA309B Datasheet HTML 35Page - STMicroelectronics STA309B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Registers
STA309B
32/66
Doc ID 022570 Rev 2
Setting the IDE bit enables this function, which looks at the input I2S data and will
automatically mute if the signals are perceived as invalid.
This function detects loss of input MCLK in binary mode and will output 50% duty cycle.
This function actively prevents double triggering of LRCLK.
Device power-down signal (EAPD) on clock loss detection. This function is enabled by
default. It is strongly recommended to avoid spurious noise during the on-off sequence. The
STA309B has the ECLE bit set to 0.
7.2.9
Configuration register I (0x08)
This feature utilizes an ADC on SDI78 that provides power supply ripple information for
correction. Registers PSC1, PSC2, PSC3 are utilized in this mode.
Bit
RW
RST
Name
Description
4RW
1
IDE
Invalid input detect mute enable:
1: enables the automatic invalid input detect mute
Bit
RW
RST
Name
Description
5
RW
1
BCLE
Binary output mode clock loss detection enable
Bit
RW
RST
Name
Description
6
RW
1
LDTE
LRCLK double triggering protection enable
Bit
RW
RST
Name
Description
7
RW
1
ECLE
Auto EAPD on clock loss
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PSCE
0
0
Bit
RW
RST
Name
Description
0
RW
0
PSCE
Power supply ripple correction enable:
0: normal operation
1: PSCorrect operation
Bit
RW
RST
Name
Description
7
RW
0
EAPD
External amplifier power-down:
0: external power-stage power-down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com