Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 57Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 58Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 59Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 60Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 61Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 62Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 63Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 64Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
SPC56xP54x, SPC56xP60x
Electrical characteristics
Doc ID 18340 Rev 3
61/104
3.9
Power Up/Down sequencing
To prevent an overstress event or a malfunction within and outside the device, the
SPC56xP54/60 implements the following sequence to ensure each module is started only
when all conditions for switching it ON are available:
1.
A POWER_ON module working on voltage regulator supply controls the correct start-
up of the regulator. This is a key module ensuring safe configuration for all voltage
regulator functionality when supply is below 1.5V. Associated POWER_ON (or POR)
signal is active low.
–
Several low voltage detectors, working on voltage regulator supply monitor the
voltage of the critical modules (voltage regulator, I/Os, flash memory and low
voltage domain). LVDs are gated low when POWER_ON is active.
–
A POWER_OK signal is generated when all critical supplies monitored by the LVD
are available. This signal is active high and released to all modules including I/Os,
flash memory and RC16 oscillator needed during power-up phase and reset
phase. When POWER_OK is low the associated modules are set into a safe state.
Table 18.
Low voltage monitor electrical characteristics
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Max
VPORH
T
Power-on reset threshold
—
1.5
2.7
V
VPORUP
P
Supply for functional POR module
TA = 25°C
1.0
—
V
VREGLVDMOK_H
P
Regulator low voltage detector high threshold
—
—
2.95
V
VREGLVDMOK_L
P
Regulator low voltage detector low threshold
—
2.6
—
V
VFLLVDMOK_H
P
Flash memory low voltage detector high threshold
—
—
2.95
V
VFLLVDMOK_L
P
Flash memory low voltage detector low threshold
—
2.6
—
V
VIOLVDMOK_H
P
I/O low voltage detector high threshold
—
—
2.95
V
VIOLVDMOK_L
P
I/O low voltage detector low threshold
—
2.6
—
V
VIOLVDM5OK_H
P
I/O 5V low voltage detector high threshold
—
—
4.4
V
VIOLVDM5OK_L
P
I/O 5V low voltage detector low threshold
—
3.8
—
V
VMLVDDOK_H
P
Digital supply low voltage detector high
—
—
1.15
V
VMLVDDOK_L
P
Digital supply low voltage detector low
—
1.08
—
V
1.
VDD = 3.3V ± 10% / 5.0V ± 10%, TA = –40 °C to TA MAX, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com