Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 90 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 86Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 87Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 88Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 89Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 90Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 91Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 92Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 93Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
90/104
Doc ID 18340 Rev 3
Figure 27. Nexus TDI, TMS, TDO timing
3.18.4
External interrupt timing (IRQ pin)
TDO
6
7
TMS, TDI
8
TCK
9
Table 40.
External interrupt timing(1)
No.
Symbol
C
Parameter
Conditions
Min
Max
Unit
1tIPWL
CC
D
IRQ pulse width low
—
4
—
tCYC
2tIPWH
CC
D
IRQ pulse width high
—
4
—
tCYC
3tICYC
CC
D
IRQ edge to edge time(2)
—4 + N (3)
—tCYC
1.
IRQ timing specified at fSYS = 64 MHz and VDD_HV_IOx = 3.0 V to 5.5 V, TA = TL to TH, and CL = 200pF with SRC = 0b00.
2.
Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
3.
N= ISR time to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com