Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 4Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 5Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 6Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 7Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 8Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 9Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 10Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 11Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
8/104
Doc ID 18340 Rev 3
SPC56xP54/60 is present on the market in two different options enabling different features:
Full-featured, and Airbag configuration. Table 3 shows the main differences between the two
versions.
Enhanced DMA (direct memory
access) channels
16
FlexRay
Yes (64 message buffer)
FlexCAN (controller area network)
3(1),(2)
Safety port
Yes (via third FlexCAN module)
FCCU (fault collection and control unit)
Yes(3)
CTU (cross triggering unit)
Yes
eTimer channels
2 × 6
FlexPWM (pulse-width modulation)
channels
No
Analog-to-digital converters (ADC)
One (10-bit, 27-channel)(4)
LINFlex modules
2 (1 × Master/Slave, 1 × Master only)
DSPI (deserial serial peripheral
interface) modules
5(5)
CRC (cyclic redundancy check) units
2(6)
JTAG interface
Yes
Nexus port controller (NPC)
Yes (Level 2+)(7)
Supply
Digital power supply(8)
3.3 V or 5 V single supply with external transistor
Analog power supply
3.3 V or 5 V
Internal RC oscillator
16 MHz
External crystal oscillator
4–40 MHz
Packages
LQFP100
LQFP144
LQFP100
LQFP144
LQFP176 (9)
Temperature
Standard ambient
temperature
–40 to 125 °C
1.
Each FlexCAN module has 32 message buffers.
2.
One FlexCAN module can act as a Safety Port with a bit rate as high as 7.5 Mbit/s.
3.
Enhanced FCCU version
4.
Same amount of ADC channels as on SPC560P44/50 not considering the internally connected ones. 26 channels on
LQFP144 and 16 channels on LQFP100.
5.
Increased number of CS for DSPI_1
6.
Upgraded specification with addition of 8-bits polynomial (CRC-8 VDA CAN) support and 3rd context
7.
Improved debugging capability with data trace capability and increased Nexus throughput available on emulation package
8.
3.3 V range and 5 V range correspond to different orderable parts.
9.
Software development package only. Not available for production.
Table 2.
SPC56xP54/60 device comparison (continued)
Feature
SPC560P54
SPC560P60
SPC56AP54
SPC56AP60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com