Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54L3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC56AP54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC56AP54L3 Datasheet HTML 66Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 67Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 68Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 69Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 70Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 71Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 72Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 73Page - STMicroelectronics SPC56AP54L3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
Table 24.
Peripherals supply current (5 V and 3.3 V)(1)
Symbol
Parameter
Conditions
Value
Unit
Typ
Max
IDD_BV(CAN)
T CAN (FlexCAN)
supply current on
VDD_BV
500 Kbyte/s
Total (static + dynamic)
consumption:
• FlexCAN in loop-back mode
• XTAL@ 8 MHz used as CAN
engine clock source
• Message sending period is 580
µs
21.6 * fperiph
28.1* fperiph
µA
IDD_BV(SCI)
T SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
•LIN mode
• Baudrate: 115.2 Kbyte/s
10.8 * fperiph
14.1 * fperiph
IDD_BV(SPI)
T SPI (DSPI) supply
current on VDD_BV
Ballast dynamic consumption (continuous
communication):
• Baudrate: 2 Mbit/s
• Transmission every 8 µs
• Frame: 16 bits
4.8 * fperiph
6.3 * fperiph
IDD_BV(ADC)
T ADC supply current
on VDD_BV
VDD = 5.5 V
Ballast dynamic consumption
(continuous conversion)
120 * fperiph
156 * fperiph
IDD_HV_ADC(ADC) T ADC supply current
on VDD_HV_ADC
VDD = 5.5 V
Analog dynamic consumption
(continuous conversion)
0.005 * fperiph + 2.8 0.007 * fperiph + 3.4 mA
IDD_BV(eTimer)
T eTimer supply current
on VDD_BV
PWM signals generation on
all 1 channel @10kHz
Dynamic consumption does not
change varying the frequency
1.8
2.4
mA
IDD_BV(FlexRay)
T FlexRay supply
current on VDD_BV
Static consumption
4.2 * fperiph
5.5 * fperiph
µA
1.
Operating conditions: fperiph = 8 MHz to 64 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com